PART |
Description |
Maker |
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
RDC-630-A-H-1-R SDC-630-A-H-3-R RDC-630-A-H-3-R SD |
Synchro-to-Digital Converter 同步数字转换 Converter 转换 Resolver-to-Digital Converter 分解器数字转换器 SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, DIP27 SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, DMA27
|
HIROSE ELECTRIC Co., Ltd. Digi International, Inc. Welwyn Components, Ltd. Austriamicrosystems AG RAF Electronic Hardware DATA DEVICE CORP
|
TSL257 |
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
|
ETC
|
NJU7660 NJU7660D NJU7660M NJU7660V NJU7660MTE1 |
SWITCHED CAPACITOR CONVERTER, 5 kHz SWITCHING FREQ-MAX, PDSO8 VOLTAGE CONVERTER
|
NJRC[New Japan Radio]
|
BH2221FV |
Standard Linear LSIs > Tuning D/A converter 8bit 12ch D/A converter From old datasheet system
|
ROHM[Rohm]
|
BD7685FJ-LBE2 BD7683FJ-LBE2 BD7684FJ-LB |
Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
|
ROHM
|
LT3570EUFTRPBF |
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
|
Linear Technology
|
TSI-10 TSI-5.0S2R0FM TSI-5.0S2R0M TSI-5.0S2R0SM TS |
DC/DC Converter (TSI-10 Series 10 Watt) DC/DC Converter 直流/直流转换
|
TRACO ELECTRONIC AG.
|
TSI-5.0S4R0P TSI-20 TSI-3.3S3R0 TSI-3.3S3R0F TSI-3 |
DC/DC Converter 直流/直流转换 DC/DC Converter (TSI-20 Series 15/20 Watt)
|
TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|
TEN10-1215 TEN10-4823 TEN10-1210 TEN10-1211 TEN10- |
DC/DC Converter TEN 10 Series 10 Watt(52.28 k) DC/DC Converter 直流/直流转换
|
http:// TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
AD636J AD636JD AD636JH AD636 AD636K AD636KD AD636K |
DIODE SCHOTTKY SINGLE 50V 333mW 0.41V-vf 15mA-IFM 1mA-IF 0.2uA-IR SOD-123 3K/REEL RMS TO DC CONVERTER, 0.1 MHz, CDIP14 Low Level/ True RMS-to-DC Converter Low Level, True RMS-to-DC Converter
|
Analog Devices, Inc. AD[Analog Devices] http://
|